Part Number Hot Search : 
C1200 1232034 E3E1E D4850 80CPQ020 TA124E D78F0 AD5222
Product Description
Full Text Search
 

To Download 15K75A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHANGHAI SUNRISE ELECTRONICS CO., LTD. 1.5KE6.8 THRU 1.5KE440CA
TRANSIENT VOLTAGE SUPPRESSOR
BREAKDOWN VOLTAGE:6.8-440V PEAK PULSE POWER: 1500W
FEATURES
* 1500W peak pulse power capability * Excellent clamping capability * Low incremental surge resistance * Fast response time: typically less than 1.0ps from 0V to VBR for unidirectional and 5.0nS for bidirectional types. * High temperature soldering guaranteed: 265oC/10S/9.5mm lead length at 5 lbs tension
TECHNICAL SPECIFICATION
DO-201AE
MECHANICAL DATA
* Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C * Case: Molded with UL-94 Class V-O recognized flame retardant epoxy * Polarity: Color band denotes cathode except for unidirectional types. * Mounting position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Ratings at 25oC ambient temperature unless otherwise specified)
RATINGS
Peak power dissipation Peak pulse reverse current Steady state power dissipation Peak forward surge current for unidirectional only (Note 1) (Note 1) (Note 2) (Note 3) (Note 4)
SYMBOL Pppm Ippm Pm(av) IFSM
VF
VALUE
Minimum 1500 See Table 5.0 200 3.5/5.0
UNITS
W A W A V
Maximum instantaneous forward voltage at 50A
o TSTG,TJ Operating junction and storage temperature range -55 to + 175 C Notes: 1. 10/1000S waveform non-repetitive current pulse, and derated above Ta=25oC 2. Tl=75oC, lead length 9.5mm, Mounted on copper pad area of (20x20mm) 3. Measured on 8.3ms single half sine-wave or equivalent square wave,duty cycle=4 pulses per minute maximum. 4. VF=3.5V max. for devices of V(BR) 200V, and VF=5.0V max. for devices of V(BR) >200V
DEVICES FOR BIDIRECTIONAL APPLICATIONS 1. Suffix 'A' dnotes 5% tolerance device,no suffix 'A' dnotes 10% tolerance device. 2. For bidirectional use 'C' or 'CA' suffix for types 1.5KE6.8 thru types 1.5KE440A (e.g. 1.5KE7.5C,1.5KE440CA), for unidirectional don't use 'C' suffix after types. 3. For bidirectional devices having VWM of 10 volts and less, the ID limit is doubled. 4. Electrical characteristics apply in both directions.
http://www.sse-diode.com
ELECTRICAL CHARACTERISTICS
( at TA=25oC unless otherwise noted )
JEDEC GENERAL TYPE PART NUMBER NUMBER Breakdown Voltage V(BR) (Volts) (NOTE 1) MIN
1N6267 1N6267A 1N6268 1N6268A 1N6269 1N6269A 1N6270 1N6270A 1N6271 1N6271A 1N6272 1N6272A 1N6273 1N6273A 1N6274 1N6274A 1N6275 1N6275A 1N6276 1N6276A 1N6277 1N6277A 1N6278 1N6278A 1N6279 1N6279A 1N6280 1N6280A 1N6281 1N6281A 1N6282 1N6282A 1N6283 1N6283A 1N6284 1N6284A 1N6285 1N6285A 1N6286 1N6286A 1N6287 1N6287A 1N6288 1N6288A 1N6289 1N6289A 1.5KE6.8 1.5KE6.8A 1.5KE7.5 1.5KE7.5A 1.5KE8.2 1.5KE8.2A 1.5KE9.1 1.5KE9.1A 1.5KE10 1.5KE10A 1.5KE11 1.5KE11A 1.5KE12 1.5KE12A 1.5KE13 1.5KE13A 1.5KE15 1.5KE15A 1.5KE16 1.5KE16A 1.5KE18 1.5KE18A 1.5KE20 1.5KE20A 1.5KE22 1.5KE22A 1.5KE24 1.5KE24A 1.5KE27 1.5KE27A 1.5KE30 1.5KE30A 1.5KE33 1.5KE33A 1.5KE36 1.5KE36A 1.5KE39 1.5KE39A 1.5KE43 1.5KE43A 1.5KE47 1.5KE47A 1.5KE51 1.5KE51A 1.5KE56 1.5KE56A 6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.50 9.90 10.5 10.8 11.4 11.7 12.4 13.5 14.3 14.4 15.2 16.2 17.1 18.0 19.0 19.8 20.9 21.6 22.8 24.3 25.7 27.0 28.5 29.7 31.4 32.4 34.2 35.1 37.1 38.7 40.9 42.3 44.7 45.9 48.5 50.4 53.2
Maximum StandReverse off Test Leakage at Current Voltage VWM IT(mA) VWM ID(A) (Volts) MAX (NOTE3)
7.48 7.14 8.25 7.88 9.02 8.61 10.0 9.55 11.0 10.5 12.1 11.6 13.2 12.6 14.3 13.7 16.5 15.8 17.6 16.8 19.8 18.9 22.0 21.0 24.2 23.1 26.4 25.2 29.7 28.4 33.0 31.5 36.3 34.7 39.6 37.8 42.9 41.0 47.3 45.2 51.7 49.4 56.1 53.6 61.8 58.8 10.0 10.0 10.0 10.0 10.0 10.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.2 10.5 11.1 12.1 12.8 12.9 13.6 14.5 15.3 16.2 17.1 17.8 18.8 19.4 20.5 21.8 23.1 24.3 25.6 26.8 28.2 29.1 30.8 31.6 33.3 34.8 36.8 38.1 40.2 41.3 43.6 45.4 47.8 1000 1000 500 500 200 200 50 50 10 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
Maximum Peak Pulse Maximum Maximum Reverse Clamping Temperature Current Voltage at Coefficient of V(BR) Ippm Ippm (Amps) Vc(Volts) (%/oC) (NOTE 2) 139.0 10.8 0.057 143.0 10.5 0.057 128.0 11.7 0.061 132.0 11.3 0.061 120.0 12.5 0.065 124.0 12.1 0.065 109.0 13.8 0.068 112.0 13.4 0.068 100.0 15.0 0.073 103.0 14.5 0.073 93.0 16.2 0.075 96.0 15.6 0.075 87.0 17.3 0.078 90.0 16.7 0.078 79.0 19.0 0.081 82.0 18.2 0.081 68.0 22.0 0.084 71.0 21.2 0.084 64.0 23.5 0.086 67.0 22.5 0.086 56.5 26.5 0.088 59.5 26.2 0.088 51.5 29.1 0.090 54.0 27.7 0.090 47.0 31.9 0.092 49.0 30.6 0.092 43.0 34.7 0.094 45.0 33.2 0.094 38.0 39.1 0.096 40.0 37.5 0.096 34.5 43.5 0.097 36.0 41.4 0.097 31.5 47.7 0.098 33.0 45.7 0.098 29.0 52.0 0.099 30.0 49.9 0.099 26.5 56.4 0.100 28.0 53.9 0.100 24.0 61.9 0.101 25.3 59.3 0.101 22.2 67.8 0.101 23.3 64.8 0.101 20.4 73.5 0.102 21.4 70.1 0.102 18.6 80.5 0.103 19.5 77.0 0.103
http://www.sse-diode.com
ELECTRICAL CHARACTERISTICS
( at TA=25oC unless otherwise noted )
Breakdown Voltage JEDEC GENERAL V (Volts) (BR) TYPE PART (NOTE 1) NUMBER NUMBER MIN
1N6290 1N6290A 1N6291 1N6291A 1N6292 1N6292A 1N6293 1N6293A 1N6294 1N6294A 1N6295 1N6295A 1N6296 1N6296A 1N6297 1N6297A 1N6298 1N6298A 1N6299 1N6299A 1N6300 1N6300A 1N6301 1N6301A 1N6302 1N6302A 1N6303 1N6303A 1.5KE62 1.5KE62A 1.5KE68 1.5KE68A 1.5KE75 1.5K75A 1.5KE82 1.5KE82A 1.5KE91 1.5KE91A 1.5KE100 1.5KE100A 1.5KE110 1.5KE110A 1.5KE120 1.5KE120A 1.5KE130 1.5KE130A 1.5KE150 1.5KE150A 1.5KE160 1.5KE160A 1.5KE170 1.5KE170A 1.5KE180 1.5KE180A 1.5KE200 1.5KE200A 1.5KE220 1.5KE220A 1.5KE250 1.5KE250A 1.5KE300 1.5KE300A 1.5KE350 1.5KE350A 1.5KE400 1.5KE400A 1.5KE440 1.5KE440A 55.8 58.9 61.2 64.6 67.5 71.3 73.8 77.9 81.9 86.5 90.0 95.0 99.0 106 108 114 117 124 136 143 144 152 153 162 162 171 180 190 198 209 225 237 270 285 315 333 360 380 396 418
Maximum Maximum Maximum Peak Pulse Maximum Stand-off Reverse Test Reverse Clamping Temperature Voltage Leakage at Current Current Voltage at Coefficient VWM VWM of V(BR) IT(mA) Ippm Ippm ID(A) (Volts) (Amps) Vc(Volts) (%/oC) (NOTE 3) MAX (NOTE 2) 68.2 1.0 50.2 5.0 16.9 89.0 0.104 65.1 1.0 53.0 5.0 17.7 85.0 0.104 74.8 1.0 55.1 5.0 15.3 98.0 0.104 71.4 1.0 58.1 5.0 16.3 92.0 0.104 82.5 1.0 60.7 5.0 13.9 109 0.105 78.8 1.0 64.1 5.0 14.6 104 0.105 90.2 1.0 66.4 5.0 12.7 118 0.105 86.1 1.0 70.1 5.0 13.3 113 0.105 100.0 1.0 73.7 5.0 11.4 131 0.106 95.5 1.0 77.8 5.0 12.0 125 0.106 110 1.0 81.0 5.0 10.4 144 0.106 105 1.0 85.5 5.0 11.0 137 0.106 121 1.0 89.2 5.0 9.5 158 0.107 116 1.0 94.0 5.0 9.9 152 0.107 132 1.0 97.2 5.0 8.7 173 0.107 126 1.0 102 5.0 9.1 165 0.107 143 1.0 106 5.0 8.0 187 0.107 137 1.0 111 5.0 8.4 179 0.107 165 1.0 121 5.0 7.0 215 0.108 158 1.0 128 5.0 7.2 207 0.108 176 1.0 130 5.0 6.5 230 0.108 168 1.0 136 5.0 6.8 219 0.108 187 1.0 138 5.0 6.2 244 0.108 179 1.0 145 5.0 6.4 234 0.108 198 1.0 146 5.0 5.8 258 0.108 189 1.0 154 5.0 6.1 246 0.108 220 1.0 162 5.0 5.2 287 0.108 210 1.0 171 5.0 5.5 274 0.108 242 1.0 175 5.0 4.3 344 0.108 231 1.0 185 5.0 4.6 328 0.108 275 1.0 202 5.0 5.0 360 0.110 263 1.0 214 5.0 5.0 344 0.110 330 1.0 243 5.0 5.0 430 0.110 315 1.0 256 5.0 5.0 414 0.110 385 1.0 284 5.0 4.0 504 0.110 368 1.0 300 5.0 4.0 482 0.110 440 1.0 324 5.0 4.0 574 0.110 420 1.0 342 5.0 4.0 548 0.110 484 1.0 356 5.0 2.4 631 0.110 462 1.0 376 5.0 2.6 602 0.110
NOTES: 1. V(BR) measured after IT applied for 300ms, IT=square wave pulse or equivalent 2. Surge current waveform and derated 3. For bidirectional types having VWM of 10 volts and less, the ID limit is doubled
http://www.sse-diode.com


▲Up To Search▲   

 
Price & Availability of 15K75A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X